PART |
Description |
Maker |
5962-8751305XX 5962-8751304VX 5962-8751307VA 5962- |
Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies Evaluation Kit for the MAX8538 Evaluation Kit for the MAX8545, MAX8546, MAX8548 x4 SRAM x4的SRAM Evaluation Kit for the MAX8533 x1的SRAM Low-Noise, Regulated, Negative Charge Pump Power Supplies for GaAsFET Bias x1的SRAM High-Speed, Wide-Input, Single-Phase MOSFET Driver x4的SRAM Evaluation Kit for the MAX8530, MAX8531 x1的SRAM
|
Bel Fuse, Inc. Diotec Semiconductor AG Honeywell International, Inc.
|
27C256/BXA-25 27C256/BUA-25 27C256/BXA-20 27C256/B |
2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC Evaluation Kit for the MAX3873 Evaluation Kit for the MAX3872, MAX3874 Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC Evaluation Kit for the MAX3980, MAX3981 Evaluation Kit for the MAX3982 x8存储 Quad Copper-Cable Signal Conditioner
|
NXP Semiconductors N.V.
|
DS1854EVKIT |
Evaluation Kit for the DS1854, DS1857, DS1858, and DS1859 Fiber Optic Monitor and Control Evaluation Kit
|
MAXIM - Dallas Semiconductor
|
27HC191L-40/K 27HC191L-55/L 27HC191L-40/P 27HC191L |
Evaluation Kit for the MAX4338, MAX4233 ADSL Drivers/Receivers for Customer Premise Equipment 16 x 16 Nonblocking Video Crosspoint Switch with On-Screen Display Insertion and I/O Buffers Evaluation Kit for the MAX4447, MAX4448, MAX4449 Evaluation Kit for the MAX4450 250MHz Wideband Transconductance Amplifier with Differential Output SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute Evaluation Kit for the MAX4336, MAX4231 Evaluation Kit for the MAX4365 ±15V Chopper Stabilized Operational Amplifier Ultra-High PSRR Stereo Drivers Microphone Amp 100mA Linear Regulator Evaluation Kit for the MAX4299 Evaluation Kit for the MAX4358 Low-Cost 4x4, 8x4, 8x8 Video Crosspoint Switches Low-Cost, Low-Voltage, PA Power Control Amplifier for GSM Applications in 8-Pin QFN High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers 用于GSM、采引脚QFN封装的低成本、低电压功率控制放大 Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier x8存储 x8 EPROM x8存储
|
GSI Technology, Inc.
|
8606301XG 8606301YA 8606301YG 8606302YA 8606303XG |
x8 EPROM EEPROM-Programmable, Quad, Power-Supply Tracker/Sequencer Circuit EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors with Charge-Pump Outputs Evaluation System/Evaluation Kit for the MAX6870, MAX6871, MAX6872, MAX6873, MAX6874, MAX6875 Evaluation Kit/Evaluation System for the MAX6876 Dual-/Triple-Voltage, Power-Supply Trackers/Sequencers/Supervisors x8存储
|
Air Cost Control
|
26PCCFA6D 26PCBFA6D 26PCDFA6D 26PCAFA6D 26PCAFA6G |
DRUCKSENSORR 0 5 PSID 10O, Quad, SPST, CMOS Analog Switches Direct QPSK Modulator with VGA and PA Driver for 1.7GHz to 2.5GHz Applications Evaluation Kit for the MAX2720, MAX2721 Evaluation Kit for the MAX2900, MAX2901, MAX2902, MAX2903, MAX2904 DRUCKSENSOR 0 15 PSID DRUCKSENSOR 0 15 PSID
|
RF Micro Devices, Inc.
|
MAX1231EVC16 MAX1231EVKIT |
Evaluation Kit/Evaluation System for the MAX1030/MAX1031/MAX1230/MAX1231
|
MAXIM - Dallas Semiconductor
|
MAX1258EVKIT |
Evaluation Kit/Evaluation System for the MAX1057, MAX1058, MAX1257, MAX1258
|
Maxim
|
MAX3803EVKIT |
Evaluation Kit for the MAX3803 From old datasheet system Evaluation Kit for the MAX3803
|
MAXIM - Dallas Semiconductor
|
MAX5417LEVKIT |
Evaluation Kit/Evaluation System for the MAX5417_, MAX5418_, and MAX5419_
|
MAXIM - Dallas Semiconductor
|
MAX6692EVSYS MAX6692EVKIT |
Evaluation System/Evaluation Kit for the MAX6648/MAX6649/MAX6692
|
Maxim
|